Part Number Hot Search : 
MTP610U GP2D12 DR4110 09M00 L6560A SCG9910 3EZ100D5 WP934
Product Description
Full Text Search
 

To Download USBMOD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gigatechnology.com Pty Ltd
USBMOD1
USB Plug and Play Serial Development Module
The USBMOD1 is a low-cost integrated module for transferring serial data over USB. Based on the FTDI FT8U232 USB UART IC, the USBMOD1 is capable of transfer rates of up to 920k baud (RS232) and 2000k baud (RS422 / RS485). The USBMOD1 is ideal for rapid prototyping and development by offering a complete plug and play solution.
MODULE FEATURES
* * * * * * * * * Single module High-Speed USB UART solution Based on FTDI FT8U232 High-Speed USB UART IC 32-pin Dual In-Line Package (Ideal for prototyping) Fits into a standard 32-pin 600mil IC Socket Integrated Type-B USB Connector On-board 6MHz Crystal Provision for external EEPROM for USB enumeration data No external passive components required Module powered from USB bus (up to 60mA from USB for user application)
Gigatechnology.com Pty Ltd
USBMOD1
FT8U232 IC FEATURES
* * * * * * * * * * * * * Single Chip Multi-Function Data Transfer Solution RS232 link from 300 baud to 920K baud RS422/RS485 Link to 2000K baud 384 byte receive buffer / 128 byte transmit buffer for high data throughput Full hardware assisted or X-On/X-Off handshaking Support for Event Characters and Line Break condition Auto Transmit Buffer control for RS485 Compact 32 pin (7mm x 7mm) MQFP package Integrated 6Mhz - 48Mhz Clock Multiplier aids FCC and CE compliance Integrated 3.3v Regulator - No External Regulator Required UHCI / OHCI Compliant USB 1.1 Specification Compliant USB VID, PID, Serial Number and Product Description Strings in external E2PROM.
For further information regarding the FTDI FT8U232 USB UART IC please refer to the FT8U232 Datasheet.
Gigatechnology.com Pty Ltd
USBMOD1
MODULE DIAGRAM
Gigatechnology.com Pty Ltd
USBMOD1 PINOUT
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 SIGNAL N/C N/C NO PIN NO PIN GND V+ TXLD /RI /DCD /DSR /DTR /CTS /RTS RXD TXD GND GND GND EECS EECLK EEDAT V+ TXDEN USBEN PCTL SLEEP RXLD GND NO PIN NO PIN N/C N/C TYPE MOUNT MOUNT NO PIN NO PIN PWR PWR O.C DESCRIPTION
USBMOD1
Mounting Pin for module USB connector support Mounting Pin for module USB connector support
IN IN IN OUT IN OUT IN OUT PWR PWR PWR I/O I/O I/O PWR OUT OUT IN OUT O.C PWR NO PIN NO PIN MOUNT Mounting Pin for module USB connector support MOUNT Mounting Pin for module USB connector support
Device - Ground Supply Pin Device - +4.4 volt to +5.25 volt Power Supply Pin LED Drive - Pulses Low when Transmitting Data via USB UART - Ring Indicator Control Input UART - Data Carrier Detect Control Input UART - Data Send Ready Control Input UART - Data Terminal Ready Control Output UART - Clear To Send Control Input UART - Request To Send Control Output UART - Receive Data Input UART - Transmit Data Output Device - Ground Supply Pin Device - Ground Supply Pin Device - Ground Supply Pin Optional EEPROM - Chip Select Optional EEPROM - Clock Optional EEPROM - Data I/O Device - +4.4 volt to +5.25 volt Power Supply Pin UART - Enable Transmit Data for RS485 USB Enabled - High after device is configured via USB Bus Powered - Tie Low / Self Powered - Tie High Goes Low during USB Suspend Mode LED Drive - Pulses Low when Receiving Data via USB Device - Ground Supply Pin
1
2
3
4
D
D
VCC VCC
22
6
US BM OD1
FT8U232AM
+V
+V
C 21 20 19 26 25 /SLE EP To ( Optiona l) Powe r C ontrol Circuit
TXD RXD /RT S /CT S /CTS /RTS T XD R XD
SAMPLE APPLICATION
15 14 13 12 11 10 9 8 1 2 3 4 5 6 7 8 9 RA1 RA0 OS C1 OS C2 VDD RB7 RB6 RB5 RB4 18 17 16 15 14 13 12 11 10
TXD RXD /RTS /CTS /DTR /DSR /DCD /RI
N/C N/C N/C N/C
1 2 31 32
C X1 4M hz
Gigatechnology.com Pty Ltd
23 24
EEDAT EECLK EECS
TXDE N US BE N
U1 PIC16C84 RA2 RA3 RTC/A4 MCLR VSS INT/B0 RB1 RB2 RB3
27 7
RXLD TXLD
SL EEP PCTL
DNG DNG 8 1 DNG 5 DNG 6 1 DNG 7 1 82 VCC B 8 7 6 5
B 1 2 3 4 R2 2k2 U3 93C46 CS VCC SK NC DIN NC DOUT GND
A
Title
A
USBMOD1 - SAMPLE Size Number
A4 Date: File: 2 3
APPLICATION Revision
USBMOD1
1
11-Jan-2002 Sheet of 1.0 C:\LAPTOP\P ROTE L\MOD1APP.S01 rawn By: D 1 1 4


▲Up To Search▲   

 
Price & Availability of USBMOD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X